PART |
Description |
Maker |
AZ34063A AZ34063AP-E1 AZ34063AM AZ34063AM-E1 AZ340 |
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER 1.5A的STEP-DOWN/STEP-UP/INVERTING DC - DC变换
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
ADP3000AN ADP3000AN-12 ADP3000AN-33 ADP3000AN-5 AD |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V and Adjustable High Frequency Switching Regulator
|
AD[Analog Devices]
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
AN8049FHN |
1.8-volt 3-channel step-up/ step-down/ and polarity inverting DC-DC converter control IC
|
Panasonic Semiconductor
|
LTC1514-3. LTC1514-5 LTC1514-3.3 LTC1514CS8-3.3 LT |
From old datasheet system Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator
|
LINEAR TECHNOLOGY CORP
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
FAN5602MP33X FAN5602MP45X FAN5602 FAN5602MP5X FAN5 |
Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
|
FAIRCHILD[Fairchild Semiconductor]
|
LTC1514-3.3 1514I3 1514I5 LTC1514IS8-3.3TRPBF LTC1 |
Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 0.05 A SWITCHED CAPACITOR REGULATOR, 800 kHz SWITCHING FREQ-MAX, PDSO8 Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator(3.3V输出,步升/步降开关电容DC/DC变换器(带低电池比较器)) Step-Up/Step-Down Switched Capacitor DC/DC Converters with Low-Battery Comparator; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. Linear Technology Corporation
|
LT1615 LT1615-1 LT1615ES5 LT1615ES5-1 |
Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter Micropower Step-Up DC/DC Convertersin SOT-23 0.4 A SWITCHING REGULATOR, PDSO5 Micropower Step-Up DC/DC Convertersin SOT-23 微功率升压直直流Convertersin的SOT - 23
|
http:// LINER[Linear Technology] Linear Technology, Corp.
|
AME7721BEEY500Z AME7721BEEY500Y AME7720 AME7720BEE |
Step-Up/Step-Down 60mA Regulated Charge Pump
|
AKM[Asahi Kasei Microsystems]
|
MB3881PFF MB3881 |
8-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|